Part Number Hot Search : 
DS128406 03515 1N3034C Z5243B N301102 BR1005 A78L05 141031
Product Description
Full Text Search
 

To Download 2SA1943 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SA1943
PNP EPITAXIAL SILICON TRANSISTOR
POWER AMPLIFIER APPLICATIONS
FEATURES
* Complementary to UTC 2SC5200 * Recommended for 100W High Fidelity Audio Frequency Amplifier Output Stage.
TO-3PL
1:BASE 2:COLLECTOR 3:EMITTER *Pb-free plating product number:2SA1943L
ABSOLUTE MAXIMUM RATINGS
(TC = 25) PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation (Tc=25) Junction Temperature Storage Temperature Range SYMBOL VCBO VCEO VEBO IC IB PC TJ TSTG RATINGS -230 -230 -5 -15 -1.5 150 0 ~ +125 -65 ~ +125 UNIT V V V A A W
ELECTRICAL CHARACTERISTICS
(Ta=25) SYMBOL TEST CONDITIONS ICBO VCB = -230V, IE=0 IEBO VEB= -5V, IC=0 V(BR) CEO IC= -50mA, IB=0 hFE (1) (Note) VCE= -5V, IC= -1A DC Current Gain VCE= -5V, IC= -7A hFE (2) Collector-Emitter Saturation Voltage VCE (sat) IC= -8A, IB= -0.8A Base -Emitter Voltage VBE VCE= -5V, IC= -7A Transition Frequency fT VCE= -5V, IC= -1A Collector Output Capacitance Cob VCB= -10V, IE=0, f=1MHz Note: hFE (1) Classification, R : 55 ~ 110, O : 80 ~ 160 PARAMETER Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage MIN TYP MAX -5.0 -5.0 160 60 -1.5 -1.0 30 360 -3.0 -1.5 V V MHz pF UNIT A A V
-230 55 35
UTC
UNISONIC TECHNOLOGIES CO. LTD
1
QW-R214-006,A
www.unisonic.com.tw
UTC 2SA1943
TYPICAL CHARACTERISTICS
IC - VCE
-20
PNP EPITAXIAL SILICON TRANSISTOR
IC - VBE
-20
COLLECTOR CURRENT, IC (A)
-16
-12
-800 -600 -400 -250
COLLECTOR CURRENT, IC (A)
COMMON EMITTER TC =25
COMMON EMITTER VCE = -5V
-16
-200 -100
-12
-150
-8
-8
IB = -10mA
-4
-50 -40 -30 -20
-8 -10
-4
TC =100
25 -25
-0.8 -1.2 -1.6 -2.0
0
0
-2
-4
-6
0
0
-0.4
COLLECTOR-EMITTER VOLTAGE, V CE (V)
BASE-EMITTER VOLTAGE, VBE (V)
VCE(sat) - IC COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat) (V)
-3
hFE - IC
DC CURRENT GAIN, hFE
-1 300 100
TC =100
-0.3
TC =100
-0.1
-25 25 COMMON EMITTER IC / IB = 10
30 10 0 -0.01
25 -25 COMMON EMITTER VCE = -5V
-0.1 -1 -10 -100
-0.01
-0.1
-1
-10
-100
COLLECTOR CURRENT, IC (A)
COLLECTOR CURRENT, IC (A)
SAFE OPERATING AREA
-50 -30
IC MAX. (PULSED) IC MAX. (CONTINUOUS)
1ms 10ms 100ms
-10
COLLECTOR CURRENT, IC (A)
-5 -3
DC OPERATION TC =100
-1 -0.5 -0.3
SINGLE NONREPETITIVE PULSE TC = 25 -0.1 CURVES MUST BE DERATED LINEARLY -0.05 WITH INCREASE IN TEMPERATURE.
-0.03 -3 -10 -30 -100
VCEO MAX.
-300 -1000
COLLECTOR-EMITTER VOLTAGE, VCE (V)
UTC
UNISONIC TECHNOLOGIES CO. LTD
2
QW-R214-006,A
www.unisonic.com.tw
UTC 2SA1943
TRANSIENT THERMAL RESISTANCE , rth (/W)
10
PNP EPITAXIAL SILICON TRANSISTOR
rth - tw
CURVES SHOULD BE APPLIED IN THERMAL LIMITED AREA. (SINGLE NONREPETITIVE PULSE) INFINTE HEAT SINK
1
0.1
0.01 0.001
0.01
0.1
1 PULSE WIDTH, t w (s)
10
100
1000
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all U T C products described or contained herein. U T C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO. LTD
3
QW-R214-006,A
www.unisonic.com.tw


▲Up To Search▲   

 
Price & Availability of 2SA1943

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X